|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MKP 1844 Vishay Roederstein AC-Capacitors (Metallized Polypropylene Film-MKP), AC 400V Dimensions in millimeters FEATURES Product is completely lead (Pb)-free. Product is RoHS compliant. L Max. W Max. TECHNICAL DATA See page 68 (Document No. 26522) H Max. e3 RoHS COMPLIANT TERMINALS Radial tinned copper (longer leads or insulated leads on request) 0.4 pcm 0.4 O 0.8 6.0 -1 RATED VOLTAGE AC 400V, 50/60Hz COATING Plastic case epoxy sealed, flame retardant UL-class 94V-0 CLIMATIC TESTING CLASS ACC. TO EN 60068-1 25/085/21 TOL. CAPACITANCE J = 5% K = 10% M = 20% PITCH BOX NO. (mm) DIMENSIONS WxHxL (mm) (+ 0.2/- 0.4mm) QUANTITY PACKAGE (Lead Length (Lead Length 6-1mm) 6-1mm) (pcs)* (g) WEIGHT ORDERING CODE** 0.01 FX2 M 10.0 04 6.3 x 11.3 x 12.8 0.9 750 MKP1844 -310 -4000 0.015 FX2 M 15.0 03 5.3 x 10.3 x 17.8 1.2 1000 MKP1844 -315 -4000 0.022 FX2 M 15.0 04 6.3 x 11.3 x 17.8 1.7 750 MKP1844 -322 -4000 0.033 FX2 M 15.0 07 7.3 x 13.3 x 17.8 2.1 450 MKP1844 -333 -4000 0.047 FX2 M 15.0 08 8.3 x 14.3 x 17.8 2.5 325 MKP1844 -347 -4000 0.068 FX2 M 22.5 11 7.3 x 15.3 x 26.3 3.5 235 MKP1844 -368 -4000 0.1 FX2 M 22.5 12 8.3 x 16.3 x 26.3 4.2 200 MKP1844 -410 -4000 0.15 FX2 K 22.5 13 10.3 x 18.3 x 26.3 5.9 170 MKP1844 -415 -4000 0.22 FX2 K 27.5 14 11.0 x 20.3 x 31.3 8.9 125 MKP1844 -422 -4000 0.33 FX2 K 27.5 15 13.0 x 23.3 x 31.3 11.2 110 MKP1844 -433 -4000 0.47 FX2 K 27.5 18 14.0 x 24.3 x 31.3 13.2 100 MKP1844 -447 -4000 0.68 FX2 K 37.5 16 14.0 x 24.3 x 41.3 16.2 80 MKP1844 -468 -4000 1.0 FX2 K 37.5 19 15.5 x 28.3 x 41.3 21.2 70 MKP1844 -510 -4000 * Further information about packaging quantities with different leadlength and/or taped versions see Document No 26535 (Packing Quantities) See page 16 - use Box No as reference **These capacitors can be delivered on continuous tape and reel - see www.vishay.com/doc?26535 The ordering code is MKP 1844 - . . . - 4900 at H = 16.5mm MKP 1844 - . . . - 4901 at H = 18.5mm Z [] 101 100 0.47 F 0.33 F 0.15 F 10-1 Impedance (Z) as a function of frequency (f) at Ta = 20C (average). Measurement with lead length 6mm. 10-3 0.01 0.05 0.1 0.5 1.0 1.0 F 0.68 F 0.22 F 10-2 0.047 F 0.1 F 0.015 F 0.01 F 0.068 F 0.033 F 0.022 F 5.0 f 10 50 100 [MHz] Document Number: 26524 Revision: 05-Jul-05 For technical questions contact; dc-film@vishay.com www.vishay.com 1 |
Price & Availability of MKP1844-510-4000 |